Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download NTE15017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15017 Integrated Circuit Head Amp Circuit for VCR
Features: D The Function Consist of: Video Signal Pre-Amplifier Circuit Head Switchover Circuit Drop-Out Compensation Circuit RF AGC Circuit D Low-Noise Head Amplifier D Supply Voltage: 5V Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160mW Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Electrical Characteristics: (VCC = 5V, TA = +25C unless otherwise specified)
Parameter Circuit Current Channel 1 Gain Channel 2 Gain AGC Output Amplitude AGC Control Sensitivity Output Amplifier Gain DOC Amplifier Gain DOC Sensitivity ON DOC Sensitivity OFF PG Input Sensitivity Noise Voltage Referred to Input Symbol I1 GV4-10 GV8-10 vo(AGC*12) GV13-17 GV18-17 S13-1 S13-2 S2 Vni1 Vni2 1MHz BPF 1MHz BPF f = 1MHz f = 1MHz f = 4MHz Test Conditions Min 8 52.5 52.5 170 - 0.05 10.5 - -10.8 - - - Typ - - - - - - - - - - - - Max 20 62.5 62.5 330 2.5 2.7 14.0 -19 - 3 1 1 Unit mA dB dB mVP-P dB dB dB dB dB V Vrms Vrms
vo(AGC*12) f = 4MHz f = 4MHz f = 4MHz f = 4MHz f = 4MHz
Note 1. Operating supply voltage range: VCCopr = 4.5V to 5.5V.
Pin Connection Diagram
VCC 1 PG Input 2 Damping (1) 3 FM Input (1) 4 GND 5 FM Input (2) 6 Damping (2) 7 Reference Voltage 8 AGC Detect 9
18 DOC Amp Input 17 FM Output 16 DOC Detect 15 DOC Pulse 14 GND 13 DOC Input 12 FM Equalizer 11 FM Output 10 Chroma Output
18
10
1
9
.870 (22.1) Max .150 (3.8)
.250 (6.35)
.100 (2.54) .800 (20.3)
.125 (3.17) Min


▲Up To Search▲   

 
Price & Availability of NTE15017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X